Part Number Hot Search : 
CHC30 R2500 HER103G CX16245M 32M16 102CA NE555 150FS
Product Description
Full Text Search
 

To Download MMBT2222A-AUA110001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 january 05,2011-rev.00 mmbt2222a-au npn general purpose switching transistor voltage 40 volts 225 mwatts mechanical ? case: sot-23, plastic ? terminals: solderable per mil-std-750, method 2026 ? approx. weight: 0.0003 ounces, 0.0084 grams ? marking: m2a data power absolute ratings thermal characteristics note 1: transistor mounted on fr-5 board 1.0 x 0.75 x 0.062 in. parameter symbol value units collector - emitter voltage v ceo 40 v collector - base voltage v cbo 75 v emitter - base voltage v ebo 6.0 v collector current - continuous i c 600 ma parameter symbol value units max power dissipation (note 1) p tot 225 mw thermal resistance , junction to ambient r ja 556 o c/w junction temperature t j -55 to 150 o c storage temperature t stg -55 to 150 o c 0.120(3.04) 0.110(2.80) 0.056(1.40) 0.047(1.20) 0.079(2.00) 0.070(1.80) 0.020(0.50) 0.013(0.35) 0.044(1.10) 0.035(0.90) 0.008(0.20) 0.003(0.08) 0.004(0.10) 0.000(0.00) features ? npn epitaxial silicon, planar design ? collector-emitter voltage vce = 40v ? collector current ic = 600ma ? acqire quality system certificate : ts16949 ? aec-q101 qualified ? lead free in comply with eu rohs 2002/95/ec directives. ? green molding compound as per iec61249 std. . (halogen free)
page . 2 january 05,2011-rev.00 mmbt2222a-au note 2: pulse test: pulse width < 300 us, duty cycle < 2.0%. parameter symbol test condition min. typ. max. units collector - emitter breakdown voltage v (br) ceo ic=1.0ma, ib=0 40 - - v collector - base breakdown voltage v (br) cbo ic=10ua, ie=0 75 - - v emitter - base breakdown voltage v (br) ebo ie=10ua, ic=0 6.0 - - v base cutoff current i bl vce=60v, veb=3.0v - - 20 na collector cutoff current i cex vce=60v, veb=3.0v - - 10 na i cbo vce=60v, ie=0, vce=60v, ie=0,tj=125 o c -- 10 10 na a emitter cutoff current i ebo veb=3.0v, ic=0, - - 100 na dc current gain h fe ic=0.1ma, vce=10v ic=1.0ma, vce=10v ic=10ma, vce=10v ic=10ma, vce=10v,tj=125 o c ic=150ma, vce=10v (note 2) ic=150ma, vce=1v (note 2) ic=500ma, vce=10v (note 2) 35 50 75 35 100 50 40 - - - - - - - - - - - 300 - - - collector - emitter saturation voltage (note 2) v ce(sat) ic=150ma, ib=15ma ic=500ma, ib=50ma -- 0.3 1.0 v base - emitter saturation voltage (note 2) v be(sat) ic=150ma, ib=15ma ic=500ma, ib=50ma 0.6 - - - 1.2 2.0 v collector - base capacitance c cbo vcb=10v, ie=0, f=1mhz - - 8.0 pf emitter - base capacitance c ebo vcb=0.5v, ic=0, f=1mhz - - 25 pf delay time td vcc=3v,vbe=-5v, ic=150ma,ib=15ma --1 0n s rise time tr vcc=3v,vbe=-5v, ic=150ma,ib=15ma --2 5n s storage time ts vcc=30v,ic=150ma ib1=ib2=15ma - - 225 ns fall time tf vcc=30v,ic=150ma ib1=ib2=15ma --6 0n s 200  1k  0 -2 v 1.0to100us duty cycle ~ 2.0% +16v +30v fig. 1 turn-on time fig. 2 turn-off time < 2ns c * < 10pf s * total shunt capacitance of test jig, connectors, and oscilloscope scope rise time < 4ns 0 -14 v 1.0 to 100us duty cycle ~ 2.0% +16v < 20ns -4v 0 1n914 +30v 200  1k  c *<10pf s switching time equivalent test circuits
page . 3 january 05,2011-rev.00 mmbt2222a-au electrical characteristics curve fig. 3. t y pical h vs collector current fe fig. 3. t y pical hvs collector current fe fig. 5. t y pical v (sat) vs collector current ce fig. 5. t y pical v(sat) vs collector current ce fig. 7. t y pical capacitances vs reverse voltage fig. 7. t y pical capacitances vs reverse voltage fig. 4. t y pical v vs collector current be fig. 4. t y pical vvs collector current be fig. 6. t y pical v (sat) vs collector current be fig. 6. t y pical v (sat) vs collector current be h fe collector current, i (ma) c collector current, i (ma) c collector current, i (ma) c collector current, i (ma) c 300 300 400 500 350 350 450 250 250 200 200 150 150 100 100 50 50 0 0 0.1 0.1 0.1 1 1 1 1 10 10 10 10 100 100 100 100 1000 1000 0.1 0.1 1 1 10 10 100 100 1000 1000 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 1.2 1.0 0.8 0.6 0.4 0.2 0.0 h fe v (sat)(mv) ce v(v) be (sat) v (on) be reverse voltage, v (v) r capacitance (pf) c(cb) ob c (eb) ib f=1mhz t =100 c j o t =100 c j o t =100 c j o t=25c j o t=25c j o t=25c j o t=25c j o t =150 c j o t =150 c j o t =150 c j o t =150 c j o i/ c i=10 b i/ c i=10 b v =10v ce v =10v ce
page . 4 january 05,2011-rev.00 mounting pad layout ? packing information t/r - 12k per 13" plastic reel t/r - 3k per 7 plastic reel order information sot-23 0.031 min. (0.80) min. 0.037 (0.95) 0.043 (1.10) 0.078 (2.00) 0.035 min. (0.90) min. 0.043 (1.10) 0.106 (2.70) unit inch(mm) mmbt2222a-au
page . 5 mmbt2222a-au january 05,2011-rev.00 part no_packing code_version mmbt2222a-au _r1_000 a 1 f or example : rb500v-40 _ r2 _ 00001 mmbt2222a-au _r2_000 a 1 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
disclaimer z reproducing and modifying information of the document is prohibited without permission from panjit international inc.. z panjit international inc. reserves the right s to make changes of the content herein the document anytime without notific ation. please refer to our website for the latest document. z panjit international inc. disclaims any and a ll liability arising out of the application or use of any product including damages inci dentally and consequentially occurred. z panjit international inc. does not assume any and all im plied warranties, including warranties of fitness for particular pur pose, non-infringement and merchantability. z applications shown on the herein doc ument are examples of standard use and operation. customers are responsible in co mprehending the suitable use in particular applications. panjit international inc. make s no representation or warranty that such applications will be suitable for the specified us e without further testing or modification. z the products shown herein are not desi gned and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera . customers using or selli ng these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages result ing from such improper use or sale. mmbt2222a-au page . 6 january 05,2011-rev.00


▲Up To Search▲   

 
Price & Availability of MMBT2222A-AUA110001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X